PART |
Description |
Maker |
HUF76633S3S HUF76633P3 FN4693 HUF76633P3T |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 38A I(D) | TO-220AB 38A, 100V, 0.036 Ohm, N-Channel, Logic 38A, 100V, 0.036 Ohm, N-Channel, Logic From old datasheet system 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
STP45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条,220 STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET POWER MOSFET N-CHANNEL 60V 0.022 OHM 38A TO-220 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条采用D2PAK STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET POWER MOSFET N-CHANNEL 60V 0.022OHM 38A D2PAK STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
2N6770 JANTX2N6764 |
500V, 12A, N-Channel, Enhancement Mode Power MOSFET(500V, 12A,N沟道,增强模式功率MOS场效应管) 100V, 38A, N-Channel, Enhancement Mode Power MOSFET(100V, 38A,N沟道,增强模式MOS功率场效应管) 100V的,38A条,N沟道,增强模式功率MOSFET00V的,38A条,沟道,增强模式马鞍山功率场效应管
|
Omnirel NEC, Corp.
|
FQI9N25C FQB9N25C FQB9N25CTM FQI9N25CTU |
250V N-Channel Advance Q-FET C-Series 250V N-Channel MOSFET 8.8 A, 250 V, 0.43 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFW624B IRFI624B IRFW624BTMFP001 |
250V N-Channel B-FET / Substitute of IRFW624A 250V N-Channel MOSFET 4.1 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF634NL IRF634NS IRF634NSTRR |
Power MOSFET(Vdss=250V/ Rds(on)=0.435ohm/ Id=8.0A) Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.435ohm,身份证\u003d 8.0A TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 8A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 8A条(丁)|63AB
|
International Rectifier, Corp.
|
APT10026L2FLL |
Circular Connector; No. of Contacts:61; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No POWER MOS 7 1000V 38A 0.260 Ohm 1000V, 38A power MOS 7 transistor
|
Advanced Power Technology Ltd.
|
IRF644B IRFS644B IRF644 IRF644BFP001 |
250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRF644 & IRF644A
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF634B IRFS634B IRF634BFP001 |
250V N-Channel B-FET / Substitute of IRF634 & IRF634A 250V N-Channel MOSFET
|
Samsung semiconductor FAIRCHILD[Fairchild Semiconductor]
|